PART |
Description |
Maker |
BT236X-600 BT236X-600F BT236X-600G BT236X-800 BT23 |
6 A Four-quadrant triacs 6 A Four-quadrant triacs - I<sub>GT</sub>: 25 mA; I<sub>T</sub> (R<sub>MS</sub>): 6 A; V<sub>DRM</sub>: 600 V; Package: SOT186A (TO-220F); Container: Horizontal, Rail Pack 6 A Four-quadrant triacs
|
http:// NXP Semiconductors
|
BTA204M-800F BTA204M-500D BTA204M-500E BTA204M-500 |
Three quadrant triacs guaranteed commutation 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation 500 V, 4 A, TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Transient Voltage Suppressor Diodes From old datasheet system TRIAC|800V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|500V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|600V V(DRM)|4A I(T)RMS|SOT-428
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA208SSERIESB BTA208MSERIESB BTA208M-500B BTA208M |
Three quadrant triacs high commutation Three quadrant triacs high commutation 500 V, 8 A, SNUBBERLESS TRIAC, TO-252 Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V.
|
BTA208X-800B BTA208X-800C BTA208X-800F BTA208X BTA |
Three quadrant triacs guaranteed commutation Three quadrant triacs high commutation
|
http:// NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA208-600 |
Three quadrant triacs high commutation
|
PHILIPS[Philips Semiconductors]
|
BTA208S-800B BTA208S-600B |
Three-quadrant triacs high commutation
|
NXP Semiconductors
|
BTA225800B.127 |
Three quadrant triacs Product specification
|
NXP Semiconductors
|
BTA201 BTA201-600B BTA201-600E BTA201-800B BTA201- |
1 A Three-quadrant triacs high commutation
|
NXP Semiconductors N.V.
|
BTA201W-800E BTA201W-600E |
1 A Three-quadrant triacs high commutation
|
NXP Semiconductors N.V.
|
BTA204CSERIES BTA204BSERIES |
Three quadrant triacs high commutation
|
Philips
|
BTA312B-600D BTA312B-600E |
12 A Three-quadrant triacs high commutation
|
NXP Semiconductors
|